PART |
Description |
Maker |
FAN2500_FAN2501 FAN2501S25 FAN2501S28 FAN2500X25 F |
Pch Power MOSFET; ; Package: TPS; R DS On (Ω): (max 0.2) (max 0.12); I_S (A): (max -5) Pch Power MOSFET; Surface Mount Type: N; Package: PW-MINI; R DS On (Ω): (max 0.76) (max 0.45); I_S (A): (max -2) From old datasheet system 100 mA CMOS LDO Regulators
|
Fairchild Semiconductor
|
PMBT5550 PMBT5550_3 PMBT5550215 |
NPN high-voltage transistor - Complement: PMBT5401 ; fT min: 100 MHz; hFE max: 250 ; hFE min: 60 ; I<sub>C</sub> max: 300 mA; Polarity: NPN ; Ptot max: 250 mW; VCEO max: 140 V; Package: SOT23 (TO-236AB); Container: Tape reel smd From old datasheet system
|
NXP SEMICONDUCTORS PHILIPS[Philips Semiconductors]
|
MPAT-02000220-3706 MPAT-10701250-6020 MPAT-0750085 |
2000 MHz - 2200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2100 MHz - 2700 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
P2681A-08TT P2681A P2681A-08SR P2681A-08ST P2681A- |
ICs for Inductive Proximity Switches; Package: S--0; VCC (min): 3.1 V; VCC (max): 40.0 V; ICC (max): 0.84 mA; IQ (max): 60.0 mA; Operating Temperature (min): -40.0 degC; General Purpose EMI Reduction IC
|
ALSC[Alliance Semiconductor Corporation]
|
CY7C342 CY7C342-25 CY7C342-30 CY7C342-35 CY7C342B |
128-Macrocell MAX EPLDs 128宏单元最EPLDs 128-Macrocell MAX EPLDs OT PLD, 40 ns, PQCC68 128-Macrocell MAX EPLDs OT PLD, 25 ns, PQCC68 128-Macrocell MAX EPLDs UV PLD, 40 ns, CQCC68 ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) 128-Macrocell MAX® EPLD
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CMPZ4615 CMPZ4616 CMPZ4614 CMPZ4617 CMPZ4618 |
350mW LOW NOISE ZENER DIODE 5% TOLERANCE VARISTOR, 1206 18VDC 0.4JVARISTOR, 1206 18VDC 0.4J; Voltage, varistor at 1mA:25.5V; Voltage, clamping max:42V; Voltage, clamping 8/20us max:40V; Energy, transient 10/1000us max:0.4J; Current, peak 8/20us max:150A; Voltage rating,
|
Central Semiconductor Corp.
|
HT1000/08OJ6 |
800V V[drm] Max., 980A I[T] Max. Silicon Controlled Rectifier
|
Herrmann
|
HT1260/26OG6 |
2.6kV V[drm] Max., 1260A I[T] Max. Silicon Controlled Rectifier
|
Herrmann
|
MAX800 MAX800L MAX800LCPE MAX800LCSE MAX800LEPE MA |
Microprocessor Supervisory Circuits Thyristor / Diode Module; Repetitive Reverse Voltage Max, Vrrm:800V; Current, It av:500A; Gate Trigger Voltage Max, Vgt:3V; Gate Trigger Current Max, Igt:200mA; Package/Case:LD43; di/dt:200A/ s RoHS Compliant: Yes
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
S-10 |
10.8×10.8mm Max.(L×W), 13.0mm Max. Height. (S-10K)
|
Sumida Corporation
|
ST750101 |
RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
|
E-SWITCH
|